Part Number Hot Search : 
1002D MV21002 P4KE11 ISL6700 DM74L 1SMB5950 LA503 5919BT3G
Product Description
Full Text Search
 

To Download MAX3374EEBL-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max3372e?ax3379e and max3390e?ax3393e ?5kv esd-protected level translators provide the level shifting necessary to allow data transfer in a multivoltage system. externally applied voltages, v cc and v l , set the logic levels on either side of the device. a low-voltage logic signal present on the v l side of the device appears as a high-voltage logic signal on the v cc side of the device, and vice-versa. the max3374e/max3375e/ max3376e/max3379e and max3390e?ax3393e unidi- rectional level translators level shift data in one direction (v l v cc or v cc v l ) on any single data line. the max3372e/max3373e and max3377e/max3378e bidi- rectional level translators utilize a transmission-gate- based design (figure 2) to allow data translation in either direction (v l ? v cc ) on any single data line. the max3372e?ax3379e and max3390e?ax3393e accept v l from +1.2v to +5.5v and v cc from +1.65v to +5.5v, making them ideal for data transfer between low- voltage asics/plds and higher voltage systems. all devices in the max3372e?ax3379e, max3390e max3393e family feature a three-state output mode that reduces supply current to less than 1?, thermal short- circuit protection, and ?5kv esd protection on the v cc side for greater protection in applications that route sig- nals externally. the max3372e/max3377e operate at a guaranteed data rate of 230kbps. slew-rate limiting reduces emi emissions in all 230kbps devices. the max3373e?ax3376e/max3378e/max3379e and max3390e?ax3393e operate at a guaranteed data rate of 8mbps over the entire specified operating voltage range. within specific voltage domains, higher data rates are possible. (see timing characteristics .) the max3372e?ax3376e are dual level shifters available in 3 x 3 ucsp and 8-pin sot23-8 pack- ages. the max3377e/max3378e/max3379e and max3390e?ax3393e are quad level shifters avail- able in 3 x 4 ucsp and 14-pin tssop packages. ________________________applications spi, microwire, and i 2 c level translation low-voltage asic level translation smart card readers cell-phone cradles portable pos systems portable communication devices low-cost serial interfaces cell phones gps telecommunications equipment features guaranteed data rate options 230kbps 8mbps (+1.2v v l v cc +5.5v) 10mbps (+1.2v v l v cc +3.3v) 16mbps (+1.8v v l v cc +2.5v and +2.5v v l v cc +3.3v) bidirectional level translation (max3372e/max3373e and max3377e/max3378e) operation down to +1.2v on v l ?5kv esd protection on i/o v cc lines ultra-low 1? supply current in three-state output mode low-quiescent current (130? typ) ucsp, sot, and tssop packages thermal short-circuit protection max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ________________________________________________________________ maxim integrated products 1 three-state i/o v l 1 i/o v l 2 1 2 8 7 i/o v cc 1 v cc gnd v l i/o v cc 2 sot23-8 top view 3 4 6 5 max3372e/ max3373e pin configurations 19-2328; rev 3; 9/03 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information ucsp is a trademark of maxim integrated products, inc. spi is a trademark of motorola, inc. i 2 c is a trademark of phillips corp. microwire is a trademark of national semiconductor corp. ordering information continued at end of data sheet. selector guide appears at end of data sheet. pin configurations continued at end of data sheet. part number temp range pin- package max3372e eka-t -40 c to +85 c 8 sot23-8
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +1.65v to +5.5v, v l = +1.2v to (v cc + 0.3v), gnd = 0, i/o v l_ and i/o v cc_ unconnected, t a = t min to t max , unless other- wise noted. typical values are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (notes 1, 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. all voltages referenced to gnd v cc ...........................................................................-0.3v to +6v i/o v cc_ ......................................................-0.3v to (v cc + 0.3v) i/o v l_ ...........................................................-0.3v to (v l + 0.3v) three-state ...............................................-0.3v to (v l + 0.3v) short-circuit duration i/o v l , i/o v cc to gnd...........continuous short-circuit duration i/o v l or i/o v cc to gnd driven from 40ma source (except max3372e and max3377e) .....................continuous continuous power dissipation (t a = +70 c) 8-pin sot23 (derate 8.9mw/ c above +70 c)...........714mw 3 x 3 ucsp (derate 4.7mw/ c above +70 c) ............379mw 3 x 4 ucsp (derate 6.5mw/ c above +70 c) ............579mw 14-pin tssop (derate 9.1mw/ c above +70 c) ........727mw operating temperature range ...........................-40 c to +85 c storage temperature range .............................-65 c to +150 c lead temperature (soldering, 10s) .................................+300 c parameter symbol conditions min typ max units power supplies v l supply range v l 1.2 5.5 v v cc supply range v cc 1.65 5.50 v supply current from v cc i qv cc 130 300 a supply current from v l i qv l 16 100 a v cc three-state output mode supply current i three-state-vcc t a = +25 c, three-state = gnd 0.03 1 a v l three-state output mode supply current i three-state-vl t a = +25 c, three-state = gnd 0.03 1 a three-state output mode leakage current i/o v l_ and i/o v cc_ i three-state-lkg t a = +25 c, three-state = gnd 0.02 1 a thre e - state p in inp ut leakag et a = +25 c 0.02 1 a esd protection iec 1000-4-2 air-gap discharge 8 iec 1000-4-2 contact discharge 8 i/o v cc (note 3) human body model 15 kv logic-level thresholds (max3372e/max3377e) i/o v l_ input voltage high v ihl v l - 0.2 v i/o v l_ input voltage low v ill 0.15 v
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +1.65v to +5.5v, v l = +1.2v to (v cc + 0.3v), gnd = 0, i/o v l_ and i/o v cc_ unconnected, t a = t min to t max , unless other- wise noted. typical values are at v cc = +3.3v, v l = +1.8v, t a = +25 c.) (notes 1, 2) parameter symbol conditions min typ max units i/o v cc_ input voltage high v ihc v cc - 0.4 v i/o v cc_ input voltage low v ilc 0.15 v i/o v l_ output voltage high v ohl i/o v l_ source current = 20a, i/o v cc_ > v cc - 0.4v 0.67 ? v l v i/o v l_ output voltage low v oll i/o v l_ sink current = 20a, i/o v cc_ < 0.15v 0.4 v i/o v cc_ output voltage high v ohc i/o v cc_ source current = 20a, i/o v l _ > v l - 0.2v 0.67 ? v cc v i/o v cc_ output voltage low v olc i/o v cc_ sink current = 20a, i/o v l_ < 0.15v 0.4 v three-state input voltage high v il- three-state v l - 0.2 v three-state input voltage low v il- three-state 0.15 v logic-level thresholds (max3373e max3376e/max3378e/max3379e and max3390e max3393e) i/o v l_ input voltage high v ihl v l - 0.2 v i/o v l_ input voltage low v ill 0.15 v i/o v cc_ input voltage high v ihc v cc - 0.4 v i/o v cc_ input voltage low v ilc 0.15 v i/o v l_ output voltage high v ohl i/o v l_ source current = 20a, i/o v cc_ v cc - 0.4v 0.67 ? v l v i/o v l_ output voltage low v oll i/o v l_ sink current = 1ma, i/o v cc_ 0.15v 0.4 v i/o v cc_ output voltage high v ohc i/o v cc_ source current = 20a, i/o v l_ v l - 0.2v 0.67 ? v cc v i/o v cc_ output voltage low v olc i/o v cc_ sink current = 1ma, i/o v l_ 0.15v 0.4 v three-state input voltage high v ih- three-state v l - 0.2 v three-state input voltage low v il- three-state 0.15 v
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 4 _______________________________________________________________________________________ timing characteristics (v cc = +1.65v to +5.5v, v l = +1.2v to (v cc + 0.3v), gnd = 0, r load = 1m ? , i/o test signal of figure 1, t a = t min to t max , unless otherwise noted. typical values are at v cc = +3.3v, v l = +1.8v, t a = +25 c, unless otherwise noted.) (notes 1, 2) parameter sym b o l conditions min typ max units max3372e/max3377e (c load = 50pf) i/o v cc _ rise time (note 4) t rvcc 1100 ns i/o v cc _ fall time (note 5) t fvcc 1000 ns i/o v l _ rise time (note 4) t rvl 600 ns i/o v l _ fall time (note 5) t fvl 1100 ns i/o vl-vcc driving i/o v l _ 1.6 propagation delay i/o vcc-vl driving i/o v cc _ 1.6 s channel-to-channel skew t skew each translator equally loaded 500 ns maximum data rate c l = 25pf 230 kbps m a x3 3 7 3 e m a x3 3 7 6 e/m a x3 3 7 8 e/ m a x3 3 7 9 e a n d m a x3 3 9 0 e m a x3 3 9 3 e ( c loa d = 15 p f , dr iv e r o u t p u t im p e d a n c e 5 0 ? ) +1.2v v l v cc +5.5v 725 i/o v cc _ rise time (note 4) t rvcc open-drain driving 170 400 ns 637 i/o v cc _ fall time (note 5) t fvcc open-drain driving 20 50 ns 830 i/o v l _ rise time (note 4) t rvl open-drain driving 180 400 ns 330 i/o v l _ fall time (note 5) t lfv open-drain driving 30 60 ns 530 i/o vl-vcc driving i/o v l _ open-drain driving 210 1000 430 propagation delay i/o vcc-vl driving i/o v cc _ open-drain driving 190 1000 ns 20 channel-to-channel skew t skew each translator equally loaded open-drain driving 50 ns 8 mbps maximum data rate open-drain driving 500 kbps
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp _______________________________________________________________________________________ 5 note 1: all units are 100% production tested at t a = +25 c. limits over the operating temperature range are guaranteed by design and not production tested. note 2: for normal operation, ensure v l < (v cc + 0.3v). during power-up, v l > (v cc + 0.3v) will not damage the device. note 3: to ensure maximum esd protection, place a 1f capacitor between v cc and gnd. see applications circuits . note 4: 10% to 90% note 5: 90% to 10% timing characteristics (continued) (v cc = +1.65v to +5.5v, v l = +1.2v to (v cc + 0.3v), gnd = 0, r load = 1m ? , i/o test signal of figure 1, t a = t min to t max , unless otherwise noted. typical values are at v cc = +3.3v, v l = +1.8v, t a = +25 c, unless otherwise noted.) (notes 1, 2) parameter sym b o l conditions min typ max units +1.2v v l v cc +3.3v i/o v cc _ rise time (note 4) t rvcc 25 ns i/o v cc _ fall time (note 5) t fvcc 30 ns i/o v l _ rise time (note 4) t rvl 30 ns i/o v l _ fall time (note 5) t fvl 30 ns i/o vl-vcc driving i/o v l _20 propagation delay i/o vcc-vl driving i/o v cc _20 ns channel-to-channel skew t skew each translator equally loaded 10 ns maximum data rate 10 mbps +2.5v v l v cc +3.3v i/o v cc _ rise time (note 4) t rvcc 15 ns i/o v cc _ fall time (note 5) t fvcc 15 ns i/o v l _ rise time (note 4) t rvl 15 ns i/o v l _ fall time (note 5) t fvl 15 ns i/o vl-vcc driving i/o v l _15 propagation delay i/o vcc-vl driving i/o v cc _15 ns channel-to-channel skew t skew each translator equally loaded 10 ns maximum data rate 16 mbps +1.8v v l v cc +2.5v i/o v cc _ rise time (note 4) t rvcc 15 ns i/o v cc _ fall time (note 5) t fvcc 15 ns i/o v l _ rise time (note 4) t rvl 15 ns i/o v l _ fall time (note 5) t fvl 15 ns i/o vl-vcc driving i/o v l _15 propagation delay i/o vcc-vl driving i/o v cc _15 ns channel-to-channel skew t skew each translator equally loaded 10 ns maximum data rate 16 mbps
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 6 _______________________________________________________________________________________ typical operating characteristics (r l = 1m ? , t a = +25 c, unless otherwise noted. all 230kbps tocs apply to max3372e/max3377e only. all 8mbps and 500kbps tocs apply to max3373e max3376e/max3378e/max3379e and max3390e max3393e only.) v l supply current vs. supply voltage (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc01 v cc (v) supply current ( a) 4.95 4.40 3.85 3.30 2.75 2.20 100 200 300 400 500 600 0 1.65 5.50 8mbps, c load = 15pf 230kbps, c load = 50pf 500kbps, open-drain, c load = 15pf v cc supply current vs. supply voltage (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc02 v cc (v) supply current (ma) 4.95 4.40 3.85 3.30 2.75 2.20 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 1.65 5.50 8mbps, c load = 15pf 230kbps, c load = 50pf 500kbps, open-drain, c load = 15pf v l supply current vs. temperature (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc03 temperature ( c) supply current ( a) 60 35 -15 10 50 100 150 200 250 300 350 400 0 -40 85 8mbps, c load = 15pf 230kbps, c load = 50pf 500kbps, open-drain, c load = 15pf v cc supply current vs. temperature (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc04 temperature ( c) supply current ( a) 60 35 -15 10 200 400 600 800 1000 1200 1400 1600 0 -40 85 8mbps, c load = 15pf 230kbps, c load = 50pf 500kbps, open-drain, c load = 15pf v l supply current vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc05 capacitive load (pf) supply current ( a) 85 70 55 40 25 50 100 150 200 250 300 350 0 10 100 8mbps 230kbps 500kbps, open-drain v cc supply current vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc06 capacitive load (pf) supply current ( a) 85 70 55 40 25 500 1000 1500 2000 2500 0 10 100 8mbps 230kbps 500kbps, open-drain rise/fall time vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc07 capacitive load (pf) rise/fall time (ns) 90 80 70 60 50 40 30 500 1000 1500 2000 2500 0 20 100 data rate = 230kbps t hl t lh rise/fall time vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc08 capacitive load (pf) rise/fall time (ns) 45 40 30 35 20 25 15 2 4 6 8 10 12 14 16 18 0 10 50 data rate = 8mbps t hl t lh rise/fall time vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc09 capacitive load (pf) rise/fall time (ns) 45 40 35 30 25 20 15 50 100 150 200 250 0 10 50 t lh t hl data rate = 500kbps, open-drain
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp _______________________________________________________________________________________ 7 propagation delay vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc10 capacitive load (pf) propagation delay (ns) 90 80 70 60 50 40 30 100 200 300 400 500 600 700 0 20 100 data rate = 230kbps t phl t plh propagation delay vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc11 capacitive load (pf) propagation delay (ns) 45 40 35 30 25 20 15 3 6 9 12 15 0 10 50 data rate = 8mbps t plh t phl propagation delay vs. capacitive load (driving i/o v l , v cc = +3.3v, v l = +1.8v) max3372e toc12 capacitive load (pf) propagation delay (ns) 45 40 35 30 25 20 15 50 100 150 200 250 300 0 10 50 data rate = 500kbps, open-drain t phl t plh rise/fall time vs. capacitive load (driving i/o v l , v cc = +2.5v, v l = +1.8v) max3372e toc13 capacitive load (pf) rise/fall time (ns) 90 80 70 60 50 40 30 500 1000 1500 2000 2500 0 20 100 data rate = 230kbps t hl t lh rise/fall time vs. capacitive load (driving i/o v l , v cc = +2.5v, v l = +1.8v) max3372e toc14 capacitive load (pf) rise/fall time (ns) 45 40 35 30 25 20 15 2 4 6 8 10 12 14 0 10 50 data rate = 8mbps t lh t hl rise/fall time vs. capacitive load (driving i/o v cc , v cc = +2.5v, v l = +1.8v) max3372e toc15 capacitive load (pf) rise/fall time (ns) 45 40 35 30 25 20 15 50 100 150 200 250 300 0 10 50 data rate = 500kbps, open-drain t hl t lh rise/fall time vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc16 capacitive load (pf) rise/fall time (ns) 90 80 70 60 50 40 30 500 1000 1500 2000 2500 0 20 100 data rate = 230kbps t lh t hl rise/fall time vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc17 capacitive load (pf) rise/fall time (ns) 45 40 35 30 25 20 15 2 4 6 8 10 12 0 10 50 data rate = 8mbps t hl t lh rise/fall time vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc18 capacitive load (pf) rise/fall time (ns) 45 40 35 30 25 20 15 50 100 150 200 250 300 0 10 50 data rate = 500kbps, open-drain t hl t lh typical operating characteristics (continued) (r l = 1m ? , t a = +25 c, unless otherwise noted. all 230kbps tocs apply to max3372e/max3377e only. all 8mbps and 500kbps tocs apply to max3373e max3376e/max3378e/max3379e and max3390e max3393e only.)
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 8 _______________________________________________________________________________________ typical operating characteristics (continued) (r l = 1m ? , t a = +25 c, unless otherwise noted. all 230kbps tocs apply to max3372e/max3377e only. all 8mbps and 500kbps tocs apply to max3373e max3376e/max3378e/max3379e and max3390e max3393e only.) propagation delay vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc19 capacitive load (pf) propagation delay (ns) 90 80 70 60 50 40 30 100 200 300 400 500 600 700 0 20 100 data rate = 230kbps t phl t phl propagation delay vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc20 capacitive load (pf) propagation delay (ns) 45 40 35 30 25 20 15 1 2 3 4 5 6 0 10 50 data rate = 8mbps t plh t phl propagation delay vs. capacitive load (driving i/o v cc , v cc = +3.3v, v l = +1.8v) max3372e toc21 capacitive load (pf) propagation delay (ns) 45 40 35 30 25 20 15 50 100 150 200 250 300 0 10 50 data rate = 500kbps, open-drain t phl t plh rise/fall time vs. capacitive load (driving i/o v cc , v cc = +2.5v, v l = +1.8v) max3372e toc22 capacitive load (pf) rise/fall time (ns) 90 80 70 60 50 40 30 500 1000 1500 2000 2500 0 20 100 data rate = 230kbps t lh t hl rise/fall time vs. capacitive load (driving i/o v cc , v cc = +2.5v, v l = +1.8v) max3372e toc23 capacitive load (pf) rise/fall time (ns) 40 30 20 2 4 6 8 10 12 0 10 50 t lh t hl data rate = 8mbps rise/fall time vs. capacitive load (driving i/o v cc , v cc = +2.5v, v l = +1.8v) max3373e toc24 capacitive load (pf) rise/fall time (ns) 40 30 20 50 100 150 200 250 300 350 0 10 50 data rate = 500kbps, open-drain t lh t hl rail-to-rail driving (driving i/o v l , v cc = +3.3v, v l = +1.8v, c l = 50pf, data rate = 230kbps) max3372e toc25 i/o v l_ i/o v cc_ 1v/div 2v/div 1 s/div rail-to-rail driving (driving i/o v l , v cc = +3.3v, v l = +1.8v, c l = 15pf, data rate = 8mbps) max3372e toc26 i/o v l_ i/o v cc_ 1v/div 2v/div 200ns/div
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp _______________________________________________________________________________________ 9 typical operating characteristics (continued) (r l = 1m ? , t a = +25 c, unless otherwise noted. all 230kbps tocs apply to max3372e/max3377e only. all 8mbps and 500kbps tocs apply to max3373e max3376e/max3378e/max3379e and max3390e max3393e only.) exiting three-state output mode (v cc = +3.3v, v l = +1.8v, c l = 50pf) max3372e toc28 i/o v l_ i/o v cc_ 2 s/div three-state 2v/div 1v/div 1v/div pin description pin 3 x 4 ucsp tssop sot23-8 3 x 3 ucsp name function a1 2 5 c2 i/o v l 1 input/output 1. referenced to v l . (note 6) a2 3 4 c3 i/o v l 2 input/output 2. referenced to v l . (note 6) a3 4 i/o v l 3 input/output 3. referenced to v l . (note 6) a4 5 i/o v l 4 input/output 4. referenced to v l . (note 6) b1 14 7 a1 v cc v cc input voltage +1.65v v cc +5.5v. b2 1 3 c1 v l logic input voltage +1.2v v l (v cc + 0.3v) b3 8 6 b1 three- state thr ee- s tate outp ut m od e e nab l e. p ul l three-state l ow to p l ace d evi ce i n thr ee- state outp ut m od e. i/o v c c _ and i/o v l_ ar e hi g h i m p ed ance i n thr ee- state outp ut m od e. n ote : log i c r efer enced to v l ( for l og i c thr eshol d s see e l ectr i cal c har acter i sti cs ) . b4 7 2 b3 gnd ground c1 13 8 a2 i/o v cc 1 input/output 1. referenced to v cc . (note 6) c2 12 1 a3 i/o v cc 2 input/output 2. referenced to v cc . (note 6) c3 11 i/o v cc 3 input/output 3. referenced to v cc . (note 6) c4 10 i/o v cc 4 input/output 4. referenced to v cc . (note 6) 6, 9 b2 n.c. no connection. not internally connected. note 6: for unidirectional devices (max3374e/max3375e/max3376e/max3379e and max3390e max3393e) see pin configurations for input/output configurations. open-drain driving (driving i/o v l , v cc = +3.3v, v l = +1.8v, c l = 15pf, data rate = 500kbps) max3372e toc27 i/o v l_ i/o v cc_ 1v/div 2v/div 200ns/div
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 10 ______________________________________________________________________________________ detailed description the max3372e max3379e and max3390e max3393e esd-protected level translators provide the level shifting necessary to allow data transfer in a multivoltage system. externally applied voltages, v cc and v l , set the logic lev- els on either side of the device. a low-voltage logic signal present on the v l side of the device appears as a high- voltage logic signal on the v cc side of the device, and vice-versa. the max3374e/max3375e/max3376e/ max3379e and max3390e max3393e unidirectional level translators level shift data in one direction (v l v cc or v cc v l ) on any single data line. the max3372e/max3373e and max3377e/max3378e bidi- rectional level translators utilize a transmission-gate- based design (see figure 2) to allow data translation in either direction (v l ? v cc ) on any single data line. the max3372e max3379e and max3390e max3393e accept v l from +1.2v to +5.5v and v cc from +1.65v to +5.5v, making them ideal for data transfer between low- voltage asics/plds and higher voltage systems. all devices in the max3372e max3379e, max3390e max3393e family feature a three-state output mode that reduces supply current to less than 1a, thermal short- circuit protection, and 15kv esd protection on the v cc side for greater protection in applications that route sig- nals externally. the max3372e/max3377e operate at a guaranteed data rate of 230kbps. slew-rate limiting reduces emi emissions in all 230kbps devices. the max3373e max3376e/max3378e/max3379e and max3390e max3393e operate at a guaranteed data rate of 8mbps over the entire specified operating voltage range. within specific voltage domains, higher data rates are possible. (see timing characteristics .) level translation for proper operation ensure that +1.65v v cc +5.5v, +1.2v v l +5.5v, and v l (v cc + 0.3v). during power-up sequencing, v l (v cc + 0.3v) will not damage the device. during power-supply sequencing, when v cc is floating and v l is powering up, a current may be sourced, yet the device will not latch up. the speed-up max3372e?ax3379e and max3390e?ax3393e i/o v l _ i/o v l _ (t rise , t fall < 10ns) data i/o v cc _ r load c load v cc v cc v l v l gnd t pd-vcc-lh t pd-vcc-hl i/o v cc _ t rvcc t fvcc figure 1a. rail-to-rail driving i/o v l max3372e max3379e and max3390e max3393e i/o v l _ i/o v cc _ (t rise , t fall < 10ns) data i/o v cc _ v cc v cc v l v l gnd r load c load t pd-vl-lh t pd-vl-hl i/o v l _ t rvl t fvl figure 1b. rail-to-rail driving i/o v cc rail-to-rail is a registered trademark of nippon motorola, ltd.
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 11 circuitry limits the maximum data rate for devices in the max3372e max3379e, max3390e max3393e family to 16mbps. the maximum data rate also depends heavily on the load capacitance (see typical operating characteristics ), output impedance of the driver, and the operational voltage range (see timing characteristics). speed-up circuitry the max3373e max3376e/max3378e/max3379e and max3390e max3393e feature a one-shot generator that decreases the rise time of the output. when triggered, mosfets pu1 and pu2 turn on for a short time to pull up i/o v l_ and i/o v cc_ to their respective supplies (see figure 2b). this greatly reduces the rise time and propa- gation delay for the low-to-high transition. the scope photo of rail-to-rail driving for 8mbps operation in the typical operating characteristics shows the speed-up circuitry in operation. three-state output mode pull three-state low to place the max3372e max3379e and max3390e max3393e in three-state out- put mode. connect three-state to v l (logic high) for normal operation. activating the three-state output mode disconnects the internal 10k ? pullup resistors on the i/o v cc and i/o v l lines. this forces the i/o lines to a high- impedance state, and decreases the supply current to less than 1a. the high-impedance i/o lines in three- state output mode allow for use in a multidrop network. when in three-state output mode, do not allow the voltage at i/o v l_ to exceed (v l + 0.3v), or the voltage at i/o v cc_ to exceed (v cc + 0.3v). thermal short-circuit protection thermal overload detection protects the max3372e max3379e and max3390e max3393e from short-circuit fault conditions. in the event of a short-circuit fault, when the junction temperature (t j ) reaches +152 c, a thermal sensor signals the three-state output mode logic to force the device into three-state output mode. when t j has cooled to +142 c, normal operation resumes. max3372e max3379e and max3390e max3393e i/o v l_ i/o v cc_ v cc v cc v l v l gnd i/o v cc_ t pd-vcc-lh t pd-vcc-hl i/o v l_ t rvcc t fvcc data r load c load figure 1c. open-drain driving i/o v cc max3373e max3376e, max3378e/max3379e and max3390e max3393e i/o v l_ i/o v cc_ data i/o v cc_ v cc v cc v l v l gnd r load c load t pd-vl-lh t pd-vl-hl i/o v l_ t rvl t fvl figure 1d. open-drain driving i/o v l
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 12 ______________________________________________________________________________________ v cc i/o v l i/o v cc gate bias v l p p n figure 2a. functional diagram, max3372e/max3377e (1i/o line) v cc i/o v l_ i/o v cc_ gate bias v l pu1 pu2 n one-shot block one-shot block figure 2b. functional diagram, max3373e/max3378e (1i/o line)
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 13 ?5kv esd protection as with all maxim devices, esd-protection structures are incorporated on all pins to protect against electrostatic discharges encountered during handling and assembly. the i/o v cc lines have extra protection against static electricity. maxim s engineers have developed state-of- the-art structures to protect these pins against esd of 15kv without damage. the esd structures withstand high esd in all states: normal operation, three-state out- put mode, and powered down. after an esd event, maxim s e versions keep working without latchup, whereas competing products can latch and must be powered down to remove latchup. esd protection can be tested in various ways. the i/o v cc lines of this product family are characterized for protection to the following limits: 1) 15kv using the human body model 2) 8kv using the contact discharge method specified in iec 1000-4-2 3) 10kv using iec 1000-4-2 s air-gap discharge method esd test conditions esd performance depends on a variety of conditions. contact maxim for a reliability report that documents test setup, test methodology, and test results. human body model figure 3a shows the human body model and figure 3b shows the current waveform it generates when dis- charged into a low impedance. this model consists of a 100pf capacitor charged to the esd voltage of inter- est, which is then discharged into the test device through a 1.5k ? resistor. iec 1000-4-2 the iec 1000-4-2 standard covers esd testing and performance of finished equipment; it does not specifi- cally refer to integrated circuits. the max3372e max3379e and max3390e max3393e help to design equipment that meets level 3 of iec 1000-4-2, without the need for additional esd-protection components. the major difference between tests done using the human body model and iec 1000-4-2 is higher peak cur- rent in iec 1000-4-2, because series resistance is lower in the iec 1000-4-2 model. hence, the esd withstand voltage measured to iec 1000-4-2 is generally lower than that measured using the human body model. figure 4a shows the iec 1000-4-2 model, and figure 4b shows the current waveform for the 8kv, iec 1000-4-2, level 4, esd contact-discharge test. the air-gap test involves approaching the device with a charged probe. the contact-discharge method connects the probe to the device before the probe is energized. machine model the machine model for esd tests all pins using a 200pf storage capacitor and zero discharge resis- tance. its objective is to emulate the stress caused by contact that occurs with handling and assembly during manufacturing. of course, all pins require this protec- tion during manufacturing, not just inputs and outputs. therefore, after pc board assembly, the machine model is less relevant to i/o ports. charge-current- limit resistor discharge resistance storage capacitor c s 100pf r c 1m ? r d 1500 ? high- voltage dc source device under test figure 3a. human body esd test model i p 100% 90% 36.8% t rl time t dl current waveform peak-to-peak ringing (not drawn to scale) i r 10% 0 0 amperes figure 3b. human body current waveform
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 14 ______________________________________________________________________________________ applications information power-supply decoupling to reduce ripple and the chance of transmitting incor- rect data, bypass v l and v cc to ground with a 0.1f capacitor. see typical operating circuit. to ensure full 15kv esd protection, bypass v cc to ground with a 1f capacitor. place all capacitors as close to the power-supply inputs as possible. i 2 c level translation the max3373e max3376e, max3378e/max3379e and max3390e max3393e level-shift the data present on the i/o lines between +1.2v and +5.5v, making them ideal for level translation between a low-voltage asic and an i 2 c device. a typical application involves interfacing a low-voltage microprocessor to a 3v or 5v d/a converter, such as the max517. push-pull vs. open-drain driving all devices in the max3372e max3379e and max3390e max3393e family may be driven in a push- pull configuration. the max3373e max3376e/ max3378e/max3379e and max3390e max3393e include internal 10k ? resistors that pull up i/o v l_ and i/o v cc_ to their respective power supplies, allowing operation of the i/o lines with open-drain devices. see timing characteristics for maximum data rates when using open-drain drivers. t r = 0.7ns to 1ns 30ns 60ns t 100% 90% 10% i peak i figure 4b. iec 1000-4-2 esd generator current waveform charge-current- limit resistor discharge resistance storage capacitor c s 150pf r c 50m ? to 100m ? r d 330 ? high- voltage dc source device under test figure 4a. iec 1000-4-2 esd test model max3378e max3383e three-state i/o v l_ data data i/o v cc_ 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l typical operating circuit
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 15 max3372e/max3373e three-state i/o v l2 i/o v l1 data data i/o v cc2 i/o v cc1 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l max3374e three-state i v l2 i v l1 data data o v cc1 o v cc2 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l applications circuits
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 16 ______________________________________________________________________________________ applications circuits (continued) max3375e three-state i v l2 o v l1 data data o v cc2 i v cc1 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l max3376e three-state data data i v cc2 i v cc1 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l o v l2 o v l1
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 17 applications circuits (continued) max3377e/max3378e three-state i/o v l4 i/o v l3 i/o v l1 i/o v l2 data data i/o v cc1 i/o v cc2 i/o v cc3 i/o v cc4 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l max3379e three-state data data 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l i v l4 i v l3 i v l1 i v l2 o v cc1 o v cc2 o v cc3 o v cc4
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 18 ______________________________________________________________________________________ applications circuits (continued) max3390e three-state data data 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l i v l4 o v l1 i v l2 i v l3 i v l1 o v cc2 o v cc3 o v cc4 max3391e three-state data data 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l i v l4 o v l1 o v l2 i v l3 i v cc1 i v cc2 o v cc3 o v cc4
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 19 applications circuits (continued) max3392e three-state data data 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l i v l4 o v l1 o v l2 o v l3 i v cc1 i v cc2 i v cc3 o v cc4 max3393e three-state data data 0.1 f 0.1 f 1 f +3.3v +1.8v v cc +3.3v system +1.8v system controller v l i v l4 o v l1 o v l2 o v l3 i v cc1 i v cc2 i v cc3 i v cc4
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 20 ______________________________________________________________________________________ selector guide part number level trans- lation tx/ rx ? data rate top mark max3372eeka-t  bi 2/2 aako max3372eebl-t  bi 2/2 230kbps aar max3373eeka-t  bi 2/2 aaks max3373eebl-t  bi 2/2 aaz max3374eeka-t uni 2/0 aalh MAX3374EEBL-T uni 2/0 aba max3375eeka-t uni 1/1 aali max3375eebl-t uni 1/1 abb max3376eeka-t uni 0/2 aalg max3376eebl-t uni 0/2 8mbps* aav max3377eeud  bi 4/4 max3377eebc-t  bi 4/4 230kbps aax max3378eeud  bi 4/4 max3378eebc-t  bi 4/4 aay max3379eeud uni 4/0 max3379eebc-t uni 4/0 aaz max3390eeud uni 3/1 max3390eebc-t uni 3/1 aba max3391eeud uni 2/2 max3391eebc-t uni 2/2 abb max3392eeud uni 1/3 max3392eebc-t uni 1/3 abc max3393eeud uni 0/4 max3393eebc-t uni 0/4 8mbps* abd ? tx = v l v cc , rx = v cc v l * higher data rates are possible (see timing characteristics). ordering information (continued) part number temp range pin- package max3372eebl-t -40 c to +85 c3 ? 3 ucsp max3373e eka-t -40 c to +85 c 8 sot23-8 max3373eebl-t -40 c to +85 c3 ? 3 ucsp max3374e eka-t -40 c to +85 c 8 sot23-8 MAX3374EEBL-T -40 c to +85 c3 ? 3 ucsp max3375e eka-t -40 c to +85 c 8 sot23-8 max3375eebl-t -40 c to +85 c3 ? 3 ucsp max3376e eka-t -40 c to +85 c 8 sot23-8 max3376eebl-t -40 c to +85 c3 ? 3 ucsp max3377e eud -40 c to +85 c 14 tssop max3377eebc-t -40 c to +85 c3 ? 4 ucsp max3378e eud -40 c to +85 c 14 tssop max3378eebc-t -40 c to +85 c3 ? 4 ucsp max3379e eud* -40 c to +85 c 14 tssop max3379eebc-t* -40 c to +85 c3 ? 4 ucsp max3390e eud* -40 c to +85 c 14 tssop max3390eebc-t* -40 c to +85 c3 ? 4 ucsp max3391e eud* -40 c to +85 c 14 tssop max3391eebc-t* -40 c to +85 c3 ? 4 ucsp max3392e eud* -40 c to +85 c 14 tssop max3392eebc-t* -40 c to +85 c3 ? 4 ucsp max3393e eud* -40 c to +85 c 14 tssop max3393eebc-t* -40 c to +85 c3 ? 4 ucsp * future product contact factory for availability.
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 21 a 1 2 3 bc 3 x 3 ucsp v cc i v cc 1 i v cc 2 o v l 1 o v l 2 n.c. gnd v l three-state a 1 2 3 bc 3 x 3 ucsp v cc o v cc 1 i v cc 2 i v l 1 o v l 2 n.c. gnd v l three-state a 1 2 3 bc 3 x 3 ucsp v cc o v cc 1 o v cc 2 i v l 1 i v l 2 n.c. gnd v l three-state a 1 2 3 bc 3 x 3 ucsp v cc i/o v cc 1 i/o v cc 2 i/o v l 1 i/o v l 2 n.c. gnd v l three-state three-state i v l 1 i v l 2 1 2 8 7 o v cc 1 v cc gnd v l o v cc 2 sot23-8 top view 3 4 6 5 max3374e three-state o v l 1 i v l 2 1 2 8 7 i v cc 1 v cc gnd v l o v cc 2 sot23-8 top view 3 4 6 5 max3375e three-state o v l 1 o v l 2 1 2 8 7 i v cc 1 v cc gnd v l i v cc 2 sot23-8 top view 3 4 6 5 max3376e three-state i/o v l 1 i/o v l 2 1 2 8 7 i/o v cc 1 v cc gnd v l i/o v cc 2 sot23-8 top view 3 4 6 5 max3372e/ max3373e pin configurations (continued)
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 22 ______________________________________________________________________________________ pin configurations (continued) a 1 2 3 4 bc 3 x 4 ucsp v cc i/o v cc 1 i/o v cc 2 i/o v cc 3 i/o v l 3 i/o v l 2 i/o v l 1 v l i/o v cc 4 gnd i/o v l 4 three-state 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc o v cc 1 o v cc 2 o v cc 3 i v l 3 i v l 2 i v l 1 v l max3379e o v cc 4 n.c. three-state gnd n.c. i v l 4 tssop-14 a 1 2 3 4 bc 3 x 4 ucsp v cc o v cc 1 o v cc 2 o v cc 3 i v l 3 i v l 2 i v l 1 v l o v cc 4 gnd i v l 4 three-state 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc i v cc 1 o v cc 2 o v cc 3 i v l 3 i v l 2 o v l 1 v l max3390e o v cc 4 n.c. three-state gnd n.c. i v l 4 tssop-14 a 1 2 3 4 bc 3 x 4 ucsp v cc i v cc 1 o v cc 2 o v cc 3 i v l 3 i v l 2 o v l 1 v l o v cc 4 gnd i v l 4 three-state 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc i/0 v cc 1 i/0 v cc 2 i/0 v cc 3 io v l 3 io v l 2 io v l 1 v l max3377e/ max3378e i/0 v cc 4 n.c. three-state gnd n.c. o v l 4 tssop-14
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp ______________________________________________________________________________________ 23 pin configurations (continued) a 1 2 3 4 bc 3 x 4 ucsp v cc i v cc 1 i v cc 2 i v cc 3 o v l 3 o v l 2 o v l 1 v l i v cc 4 gnd o v l 4 three-state 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc i v cc 1 i v cc 2 i v cc 3 o v l 3 o v l 2 o v l 1 v l max3393e i v cc 4 n.c. three-state gnd n.c. o v l 4 tssop-14 a 1 2 3 4 bc 3 x 4 ucsp v cc i v cc 1 i v cc 2 i v cc 3 o v l 3 o v l 2 o v l 1 v l o v cc 4 gnd i v l 4 three-state 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc i v cc 1 i v cc 2 i v cc 3 o v l 3 o v l 2 o v l 1 v l max3392e o v cc 4 n.c. three-state gnd n.c. i v l 4 tssop-14 14 13 12 11 10 9 8 1 2 3 4 5 6 7 v cc i v cc 1 i v cc 2 i v cc 3 i v l 3 o v l 2 o v l 1 v l max3391e i v cc 4 n.c. three-state gnd n.c. i v l 4 tssop-14 a 1 2 3 4 bc 3 x 4 ucsp v cc i v cc 1 i v cc 2 o v cc 3 i v l 3 o v l 2 o v l 1 v l o v cc 4 gnd i v l 4 three-state
sot23, 8l .eps rev. document control no. approval proprietary information title: 3.002.60e c e1 e between 0.08mm and 0.15mm from lead tip. 8. meets jedec mo178. 8 0.60 1.75 0.30 l2 0 e1 e l 1.50 e1 0.65 bsc. 1.95 ref. 0.25 bsc. gauge plane seating plane c c l pin 1 i.d. dot (see note 6) l c l c a2 e1 d detail "a" 5. coplanarity 4 mils. max. note: 7. solder thickness measured at flat section of lead 6. pin 1 i.d. dot is 0.3 mm min. located above pin 1. 4. package outline inclusive of solder plating. 3. package outline exclusive of mold flash & metal burr. heel of the lead parallel to seating plane c. 2. foot length measured from lead tip to upper radius of 1. all dimensions are in millimeters. l2 l a1 a 0.45 1.30 0.15 1.45 max 0.28b 0.90 a2 0.00 a1 0.90 a min symbol 3.00 0.20 2.80d 0.09 c see detail "a" l c b e d 1 21-0078 1 package outline, sot-23, 8l body 0 0 max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp 24 ______________________________________________________________________________________ chip information transistor count: max3372e max3376e: 189 max3377e max3379e, max3390e max3393e: 295 process: bicmos package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)
max3372e?ax3379e/max3390e?ax3393e ?5kv esd-protected, 1?, 16mbps, dual/quad low-voltage level translators in ucsp maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 25 ? 2003 maxim integrated products printed usa is a registered trademark of maxim integrated products. tssop4.40mm.eps package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .)


▲Up To Search▲   

 
Price & Availability of MAX3374EEBL-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X